Part Number Hot Search : 
3844A 25ETT SD275N7 14113 BF503 BBY5702 ML63512 AQV258AX
Product Description
Full Text Search
 

To Download 1210UFE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 200 V - 1,000 V Single Phase Bridge
3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202E - 1210E 1202FE - 1210FE 1202UFE - 1210UFE
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 1202E 1206E 1210E 1202FE 1206FE 1210FE 1202UFE 1206UFE 1210UFE Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8 1.8
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.1 1.1 1.1 1.5 1.5 1.5 1.7 1.7 1.7
3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
150 150 150 100 100 100 100 100 100
25 25 25 20 20 20 20 20 20
3000 3000 3000 150 150 150 70 70 70
21 21 21 21 21 21 21 21 21
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp.= -55C to +150C Stg. Temp.= -55C to +150C
10
.625 (15.87)
.275(6.98) .040(1.02) DIA. .200(5.08)
AC
AC
+
_
+
AC
_
.110(2.79) .50(12.7) MIN.
.825 (20.95)
AC
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
235
1202E - 1210E * 1202FE - 1210FE * 1202UFE - 1210UFE
3.5 3 Maximum Current (I) Forward Voltage (V) 2.5 2 1.5 1 0.5 0 25 50 75 100 125 Temperature (C) Ambient Temperature (C) 150
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.4 2.2 2.0 1.8 1.6 1.4 1.2
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
1200FE 1200UFE
1200E
1.0 0.8 0.6 0 3 6 9 Forward Current (A) 12 15
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
236


▲Up To Search▲   

 
Price & Availability of 1210UFE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X